Part Number Hot Search : 
UZ7860 A5800847 CPD48 BT2222A HA5023 CAT4026 MAX66020 5320PI
Product Description
Full Text Search
 

To Download PCF2123BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nxp ultra-low-power rtc/calendars pcf8523 & pcf2123 designed to perform critical time-keeping functions in a range of applications, these small, highly effcient rtc/calendars ft nearly anywhere and cut power demands by as much as 60 percent. key features } 32.768 khz quartz crystal } resolution: seconds to years } freely programmable timer and alarm function with interrupt } low backup current: 100 na typ at v dd = 2.0 v and tamb = 25 c } internal power-on reset } open drain interrupt and clock output pins } programmable offset register for frequency adjustment } watchdog timer ultra-low-power i 2 c rtc/calendar pcf8523 } clock operating voltage: 1.2 v to 5.5 v } 2 line bi-directional 1 mhz fast-mode plus i 2 c interface } battery backup input pin and switch-over circuitry } integrated oscillator load capacitors for c l = 7 and 12.5 pf } second countdown timer with interrupt output ultra-low-power spi rtc/calendar pcf2123 } clock operating voltage: 1.1 to 5.5 v } 3-line spi with separate, combinable data i/o } serial interface (at v dd = 1.6 to 5.5 v) } free programmable timer and alarm with interrupt capability } integrated oscillator load capacitors for c l = 7 pf key applications } time-keeping functions } battery-powered devices } metering } high-duration timers } daily alarms } systems with low standby power the nxp pcf8523 and pcf2123 are cmos devices that combine a real-time clock (rtc) and a calendar. optimized for low power consumption, they operate at a current of less than 100 na with a 2.0 v power supply, and consume less than 0.2 w of power. the pcf8523 uses an i 2 c-bus serial interface while the pcf2123 is equipped with an spi serial interface. both devices are cased in tiny leadless packages that save space in compact designs. this makes them well suited for handheld and battery-operated applications, including blood- pressure monitors and other home-use medical devices, pocket calculators, portable phones, and pdas. they are also an excellent choice for white goods, such as washing machines, metering units, and other industrial systems. both devices can be powered by a very small battery cell or a super-cap. save power with small, ultra-effcient rtcs
characteristics pcf8523 pcf2123 pcf85(1)63 pca21125 pca8565 interface i 2 c spi i 2 c spi i 2 c temperature range -40o to +85 c -40o to +85 oc -40 to +85 c -40 to +125 c -40 to +125 c supply voltage v dd clock 1.2 to 5.5 v 1.1 v to 5.5 v 1.0 to 5.5 v 1.3 to 5.5 v 1.0 to 5.5 v supply voltage v dd interface 1.6 to 5.5 v 1.6 v to 5.5 v 1.8 to 5.5 v 1.6 to 5.5 v 1.8 to 5.5 v supply current at v dd = 2 v 100 na 100 na 270 na 640 na 600 na electronic tuning yes yes no no no type package tape and reel type version pcf8523t/1 so8, plastic small outline package; 8 leads; body width 3.9 mm sot96-1 1 pcf8523ts/1 tssop14, plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 1 pcf8523tk/1 hvson8, plastic thermal enhanced very thin small outline package; no leads; 8 terminals; 4 x 4 x 0.85 mm sot909-1 1 pcf2123ts/1 tssop14, plastic thin shrink small outline package, 14 leads; body width 4.4 mm sot402-1 1 PCF2123BS/1 hvqfn16, plastic thermal enhanced very thin quad flat package; no leads; 16 terminals; body 3 x 3 x 0.85 mm sot758-1 1 pcf2123u/10aa/1 bare die, die thickness 200 m - 1 pcf2123u/12aa/1 bare die with gold bumps, die thickness 200 m - 1 pcf2123u/12ha/1 bare die with gold bumps, die thickness 150 m - 1 pcf8523u/12aa/1 bare die with gold bumps, die thickness 200 m - 1 pcf8523 block diagram pcf2123 block diagram selection guide ordering information the calendar functions track year, month, weekday, and day with built-in leap year correction. the programmable alarm and timer function gives the option of generating a wake-up signal on an interrupt pin. in the pcf2123, the watchdog timer can be used to wake a microcontroller from hibernation mode or monitor microcontroller tasks independently. www.nxp.com date of release: march 2011 document order number : 9397 750 17076 printed in the netherlands h succ i2c m.dba1da-a01te i939 all rights reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.


▲Up To Search▲   

 
Price & Availability of PCF2123BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X